Part Number Hot Search : 
25MHZ MC10H302 MB110 2S09655 KTC812 2N5679 RMK816N 29LV160
Product Description
Full Text Search
 

To Download ECQU2A473MN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Panasonic
Interference Suppression Capacitor Metallized Polyester/Polypropylene
Type:
Plastic Film Capacitors
ECQUN [Class X2]
In accordance with UL/CSA and European safety regulations class X2
sFeatures
Compact Overvoltage stress withstanding Flame-retardant epoxy resin coating
sRecommended Applications
Interference suppressors
s Explanation of Part Numbers
1 2 3 4 5 6 7 8 9 10 11 12
E
C
Q
U
2
A
Capacitance
N
Cap. Tol. Suffix Suffix
Product code
Dielectric & construction
Rated voltage
K 10% M 20%
Blank B
Type1 Type2
Straight Crimped lead
sApplicable Standard & Approval Number
UL CSA UL 1414 Across-The-Line Capacitors Antenna-Coupling and Line-By-Pass Components File No. E62674 File No. LR35752
CSA C22.2 No.0,No.1 Across-the-line , antenna-isolation and line-by-pass capacitor
Reg.No. 9542169 01 SEMKO Ref.No. 304890 DEMKO Ref.No. P95104265 IEC 384-14, 1993 NEMKO Class X2 Reg.No. 187541-01 EN 132400 FIMKO File No. 4811. 6-4670-7092 VDE Ref.No. 95,6 60092,01 SEV .. . When applying for the agency, please apply with not part cord but type designation and rating such as "ECQ. UN,0.1 F".
sSpecifications
Category temp. range Rated voltage Capacitance range Capacitance tolerance Dissipation factor Withstand voltage Insulation resistance - 40 to + 85C 250VAC 0.001 to 0.02 F (E12) 10%(K), 20%(M) 1.0%max.(20C, 1kHz) Between terminals : 1250 VAC 60s, 1075 VDC 60s Between terminals to enclosure : 2000 VAC 60s 15000M min.(20C 100VDC 60s), 2000M min.(20C 500VDC 60s)
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Mar. 2005
Panasonic
sDimensions in mm (not to scale)
Type 1 Type 2 (Suffix B)
Plastic Film Capacitors
Marking example
Tmax.
STYLE 1 (0.001 to 0.039F) A side .001F K 40/085/21 250V~ X2 ECQ-UN .047F K 250V~ 40/085/21 X2 ECQ-UN B side LL2 GPF MKT
V DE
Lmax. Hmax.
Lmax.
132400
Marking Gmax.
Marking Hmax.
2 (0.047 to 0.82F)
LL2 GPF MKT
V DE
F1.25 25min.
132400
4.50.5
od0.05
Solder-plated Copper-clad steel-wire
S0.8
3 (0.1 to 0.22F)
LL2 GPF MKT
V DE
132400
.1F K 40/085/21 250V~ X2 ECQ-UN
Date code
Note:Only10% as cap.tol. to be marked as "K"
sPackaging Specifications for Bulk Package
Packing quantity: 100 pcs./bag
sRating & Dimensions qCapacitance tolerance : 10 %(K), 20 %(M)
Part No. ECQU2A102MN( ECQU2A122MN( ECQU2A152MN( ECQU2A182MN( ECQU2A222MN( ECQU2A272MN( ECQU2A332MN( ECQU2A392MN( ECQU2A472MN( ECQU2A562MN( ECQU2A682MN( ECQU2A822MN( ECQU2A103MN( ECQU2A123MN( ECQU2A153MN( ECQU2A183MN( ECQU2A223MN( ECQU2A273MN( ECQU2A333MN( ECQU2A393MN( ECQU2A473MN( ECQU2A563MN( ECQU2A683MN( ECQU2A823MN( ECQU2A104MN( ECQU2A124MN( ECQU2A154MN( ECQU2A184MN( ECQU2A224MN( ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) Cap. (F) 0.001 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 0.12 0.15 0.18 0.22 Dimensions (mm) L max 17.0 17.0 17.0 17.0 17.0 17.0 17.0 17.0 17.0 17.0 17.0 17.0 17.0 17.0 17.0 19.0 19.0 19.0 19.0 25.5 25.5 25.5 25.5 25.5 30.5 30.5 30.5 30.5 30.5 T max 6.5 7.0 7.0 7.0 6.5 7.0 6.5 7.0 6.5 6.5 7.0 6.5 7.0 6.5 7.0 6.5 7.0 7.5 8.0 6.5 7.0 7.5 8.5 9.0 7.5 9.0 10.0 11.0 12.0 H Type-1 Type-2
max
F Type-1 13.50 13.50 13.50 13.50 13.50 13.50 13.50 13.50 13.50 13.50 13.50 13.50 13.50 13.50 13.50 15.50 15.50 15.50 15.50 21.50 21.50 21.50 21.50 21.50 26.50 26.50 26.50 26.50 26.50
S Type-2 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 12.5 12.5 12.5 12.5 17.5 17.5 17.5 17.5 17.5 22.5 22.5 22.5 22.5 22.5
G max 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5
od 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.80 0.80 0.80 0.80 0.80 0.80
13.5 13.5 13.5 14.0 13.5 14.0 13.5 13.5 13.5 13.5 13.5 13.5 14.0 13.5 14.0 13.5 14.0 15.0 15.5 13.5 14.0 15.0 15.5 16.5 17.0 17.5 18.5 19.0 20.0
18.5 18.5 18.5 19.0 18.5 19.0 18.5 18.5 18.5 18.5 18.5 18.5 19.0 18.5 19.0 18.5 19.0 20.0 20.5 18.5 19.0 20.0 20.5 21.5 22.0 22.5 23.5 24.0 25.0
Suffix for lead crimped or taped type Cap. tol. code
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Mar. 2005


▲Up To Search▲   

 
Price & Availability of ECQU2A473MN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X